PART |
Description |
Maker |
AD5623R AD5643RBRMZ-3REEL7 AD5663RBRMZ-3REEL7 AD56 |
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference Dual 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC? with 5 ppm/°C On-Chip Reference Dual 14-Bit nanoDAC? with 5 ppm/°C On-Chip Reference Dual 16-Bit nanoDAC? with 5 ppm/°C On-Chip Reference
|
Analog Devices
|
AD5601BCPZ-RL7 AD5611AKSZ-500RL7 ADR425 AD5601BKSZ |
2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDAC 2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDAC
|
Analog Devices
|
AD5062BRJ-1 AD5063BRM-1 AD5062BRJ-3 AD5040 AD5060 |
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23 2.7 V-5.5 V, Full Accurate 16-Bit Vout nanoDAC™ Converter, Unbuffered, in a Sot 23 2.7V-5.5V, Full Accurate 16-Bit Vout nanoDAC™ Converter, Unbuffered, in a MSOP
|
AD[Analog Devices]
|
AD5040 AD5063 AD5062 AD5060 AD5061 AD5060ARJZ-2REE |
Full Accurate 3 V/5 V 14-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 3 V/5 V 16-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered 3V/5V Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
|
AD[Analog Devices] Analog Devices, Inc.
|
EVAL-AD5680EB |
5 V 18-Bit nanoDAC in a SOT-23
|
Analog Devices, Inc.
|
AD5061 |
16-Bit Vout nanoDAC Converter
|
Analog Devices
|
AD5641 |
2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
|
Analog Devices, Inc.
|
AD5062BRJ-1 AD5062BRJ-2 AD5062BRJ-3 AD5063BRM-1 |
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
|
Analog Devices, Inc.
|
AD5061BRJZ-1500RL7 AD5061BRJZ-2500RL7 AD5061BRJZ-2 |
3 V/5 V, 16-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23
|
Analog Devices
|
AD5696R AD5695R |
Quad, 16-Bit nanoDAC with 2 ppm/°C On-Chip Reference and I2C Interface Quad, 14-Bit nanoDAC with 2 ppm/°C On-Chip Reference and I2C Interface
|
Analog Devices
|
AD5044BRUZ AD5024 AD5024BRUZ AD5024BRUZ-REEL7 AD50 |
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
|
Analog Devices
|